|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Ordering number : ENN8394 SBR250-10J SBR250-10J Applications * Schottky Barrier Diode (Twin Type * Cathode Common) 100V, 25A Rectifier High frequency rectification (switching regulators, converters, choppers). Features * * * * Low reverse current. Low switching noise. High reliability due to highly reliable planar structure. Attachment workability is good by Mica-less package. Specifications Absolute Maximum Ratings at Ta=25C Parameter Repetitive Peak Reverse Voltage Nonrepetitive Peak Reverse Surge Voltage Average Output Current Surge Forward Current Junction Temperature Storage Temperature Symbol VRRM VRSM IO IFSM Tj Tstg 50Hz resistive load, Sine wave Tc=59C 50Hz sine wave, 1 cycle Conditions Ratings 100 105 25 120 --55 to +150 --55 to +150 Unit V V A A C C Electrical Characteristics at Ta=25C Parameter Reverse Voltage Forward Voltage Reverse Current Interterminal Capacitance Thermal Resistance Symbol VR VF IR C Rth(j-c) Conditions IR=5mA, Tj=25C* IF=12.5A, Tj=25C* VR=50V, Tj=25C* VR=10V, Tj=25C* Junction-Case : Smoothed DC Ratings min 100 0.85 300 450 3.0 typ max Unit V V A pF C / W Note) * : Value per element Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein. SANYO Electric Co.,Ltd. Semiconductor Company TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN 71505SD MS IM TB-00001649 No.8394-1/3 SBR250-10J Package Dimensions unit : mm 7508-001 10.0 3.2 3.5 7.2 Electrical Connection 1 4.5 2.8 3 1 : Anode 2 : Cathode 3 : Anode 2 18.1 1.6 1.2 0.75 14.0 5.6 16.0 Top view 0.7 123 2.4 1 : Anode 2 : Cathode 3 : Anode SANYO : TO-220ML 2.55 2.55 100 7 5 3 2 10 7 5 3 2 1.0 7 5 3 2 0.1 0 0.2 0.4 IF -- VF 2 100 7 5 3 2 10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2 0.01 0 20 40 IR -- VR Tj=1 50C typ yp Reverse Current, IR -- mA Forward Current, IF -- A Tj =1 5 25 C 0C typ typ Ct 125 C ty 100 75C p typ 0.6 0.8 1.0 1.2 1.4 IT06344 60 80 100 120 IT06345 Forward Voltage, VF -- V Average Forward Power Dissipation, PF(AV) -- W 35 Average Reverse Power Dissipation, PR(AV) -- W PF(AV) -- IO Reverse Voltage, VR -- V 25 30 (1)Rectangular wave =60 (2)Rectangular wave =120 (3)Rectangular wave =180 (4)Sine wave =180 Rectangular wave (1) (3) (2) (4) 20 (1)Rectangular wave =300 (2)Rectangular wave =240 (3)Rectangular wave =180 (4)Sine wave =180 Rectangular wave VR 360 PR(AV) -- VRM PR max at Tj=150C (1) 25 (2) (3) 20 360 15 15 Sine wave 10 VR 180 360 10 Sine wave 5 5 180 0 0 2 4 6 8 360 (4) 0 0 10 20 30 40 50 60 70 80 90 100 110 10 12 14 16 18 20 22 24 26 28 30 IT06346 Average Output Current, IO -- A Peak Reverse Voltage, VRM -- V IT06347 No.8394-2/3 SBR250-10J 150 Tc -- IO Interterminal Capacitance, C -- pF (1)Rectangular wave =60 (2)Rectangular wave =120 (3)Rectangular wave =180 (4)Sine wave =180 Rectangular wave 360 2 C -- VR f=100kHz Case Temperature, Tc -- C 1000 7 5 120 90 3 2 (4) 60 Sine wave 180 360 (1) 10 15 (2) 20 25 (3) 30 IT06348 100 7 7 1.0 2 3 5 7 10 2 3 5 30 0 5 Average Output Current, IO -- A 140 Transient Thermal Resistance Rth(j - c) -- C / W IFSM -- t Reverse Voltage, VR -- V 5 3 2 7 100 2 IT06349 Rth(j - c) -- t Surge Forward Current, IFSM(Peak) -- A 120 Current waveform 50Hz sine wave Tj=150C IS 100 80 20ms t 1.0 7 5 3 2 60 40 20 0 0.01 2 3 5 7 0.1 2 3 5 7 1.0 2 3 0.1 0.001 2 3 5 70.01 2 3 5 7 0.1 2 3 5 7 1.0 23 Time, t -- s IT06350 Time, t -- s 5 7 10 2 3 IT06351 Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of July, 2005. Specifications and information herein are subject to change without notice. PS No.8394-3/3 |
Price & Availability of SBR250-10J |